Part Number Hot Search : 
210000 MAU111 T3001 AD624B LC895194 MC34063 20004 SR20150
Product Description
Full Text Search
 

To Download HFD1N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semihow rev.a0,dec 2005 HFD1N60 / hfu1n60 ? originative new design ? superior avalanche rugged technology ? robust gate oxide technology ? very low intrinsic capacitances ? excellent switching characteristics ? unrivalled gate charge : 4.0 nc (typ.) ? extended safe operating area ? lower r ds(on) : 9.5 (typ.) @v gs =10v ? 100% avalanche tested thermal resistance characteristics features absolute maximum ratings t c =25 unless otherwise specified HFD1N60 / hfu1n60 600v n - channel mosfet symbol parameter value units v dss drain - source voltage 600 v i d drain current ? continuous (t c = 25 ) 0.9 a drain current ? continuous (t c = 100 ) 0.57 a i dm drain current ? pulsed (note 1) 3.6 a v gs gate - source voltage 30 v e as single pulsed avalanche energy (note 2) 50 mj i ar avalanche current (note 1) 0.9 a e ar repetitive avalanche energy (note 1) 3.1 mj dv/dt peak diode recovery dv/dt (note 3) 5.5 v/ns p d power dissipation (t a = 25 ) * 2.5 w power dissipation (t c = 25 ) - derate above 25 31 w 0.25 w/ t j , t stg operating and storage temperature range - 55 to +150 t l maximum lead temperature for soldering purposes, 1/8? from case for 5 seconds 300 symbol parameter typ. max. units r jc junction -to - case -- 4.0 /w r ja junction -to - ambient* -- 50 r ja junction -to - ambient -- 110 dec 2005 * when mounted on the minimum pad size recommended (pcb mount) d - pak 1.gate 2. drain 3. source i - pak HFD1N60 hfu1n60 bv dss = 600 v r ds(on) typ = 9.5 i d = 0.9 a 2 1 2 3 1 3
semihow rev.a0,dec 2005 HFD1N60 / hfu1n60 notes ; 1. repetitive rating : pulse width limited by maximum junction temperature 2. l=115mh, i as =0.9a, v dd =50v, r g =25 ? , starting t j =25 c 3. i sd 0.9a, di/dt300a/s, v dd bv dss , starting t j =25 c 4. pulse test : pulse width 300s, duty cycle 2% 5. essentially independent of operating temperature electrical characteristics t c =25 c unless otherwise specified i s continuous source - drain diode forward current -- -- 0.9 a i sm pulsed source - drain diode forward current -- -- 3.6 v sd source - drain diode forward voltage i s = 0.9 a, v gs = 0 v -- -- 1.4 v trr reverse recovery time i s = 0.9 a, v gs = 0 v di f /dt = 100 a/s (note 4) -- 160 -- ? qrr reverse recovery charge -- 0.45 -- c symbol parameter test conditions min typ max units v gs gate threshold voltage v ds = v gs , i d = 250 ? 2.5 -- 4.5 v r ds(on) static drain - source on - resistance v gs = 10 v, i d = 0.45 a -- 9.5 12 ? on characteristics bv dss drain - source breakdown voltage v gs = 0 v, i d = 250 ? 600 -- -- v bv dss / t j breakdown voltage temperature coefficient i d = 250 ? , referenced to25 -- 0.65 -- v/ i dss zero gate voltage drain current v ds = 600 v, v gs = 0 v -- -- 1 ? v ds = 480 v, t c = 125 -- -- 10 ? i gssf gate - body leakage current, forward v gs = 30 v, v ds = 0 v -- -- 100 ? i gssr gate - body leakage current, reverse v gs = - 30 v, v ds = 0 v -- -- -100 ? off characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 155 200 ? c oss output capacitance -- 24 31 ? c rss reverse transfer capacitance -- 6.0 7.5 ? dynamic characteristics t d(on) turn - on time v ds = 300 v, i d = 0.9 a, r g = 25 ? (note 4,5) -- 12 30 ? t r turn - on rise time -- 40 140 ? t d(off) turn - off delay time -- 20 60 ? t f turn - off fall time -- 30 80 ? q g total gate charge v ds = 480 v, i d = 0.9 a, v gs = 10 v (note 4,5) -- 4.0 5.5 nc q gs gate - source charge -- 1.0 -- nc q gd gate - drain charge -- 2.0 -- nc switching characteristics source - drain diode maximum ratings and characteristics
semihow rev.a0,dec 2005 HFD1N60 / hfu1n60 10 -1 10 0 10 1 0 50 100 150 200 250 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd n ote ; 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitances [pf] v ds , drain-source voltage [v] typical characteristics 0 1 2 3 4 5 0 2 4 6 8 10 12 v ds = 300v v ds = 120v v ds = 480v * notes : i d = 0.9 a v gs , gate-source voltage [v] q g , total gate charge [nc] figure 1. on region characteristics figure 2. transfer characteristics figure 3. on resistance variation vs drain current and gate voltage figure 4. body diode forward voltage variation with source current and temperature figure 5. capacitance characteristics figure 6. gate charge characteristics
semihow rev.a0,dec 2005 HFD1N60 / hfu1n60 typical characteristics (continued) t 2 t 1 p dm 25 50 75 100 125 150 0.0 0.3 0.6 0.9 i d , drain current [a] t c , case temperature [ o c] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -1 10 0 n otes : 1. z jc (t) = 4.0 /w m a x . 2. duty factor, d=t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), thermal response t 1 , square wave pulse duration [sec] figure 7. breakdown voltage variation vs temperature figure 8. on - resistance variation vs temperature figure 9. maximum safe operating area figure 10. maximum drain current vs case temperature figure 11. transient thermal response curve
semihow rev.a0,dec 2005 HFD1N60 / hfu1n60 fig 12. gate charge test circuit & waveform fig 13. resistive switching test circuit & waveforms fig 14. unclamped inductive switching test circuit & waveforms e as = l l i as 2 ---- 2 1 -------------------- bv dss -- v dd bv dss v in v ds 10% 90% t d(on) t r t on t off t d(off) t f charge v gs 10v q g q gs q gd v dd v ds bv dss t p v dd i as v ds (t) i d (t) time v dd ( 0.5 rated v ds ) 10v v ds r l dut r g 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut 10v dut r g l i d
semihow rev.a0,dec 2005 HFD1N60 / hfu1n60 fig 15. peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ? i s controlled by pulse period v dd l i s 10v v gs ( driver ) i s ( dut ) v ds ( dut ) v dd body diode forward voltage drop v f i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period --------------------------
semihow rev.a0,dec 2005 HFD1N60 / hfu1n60 package dimension 5.35 0.15 6.6 0.2 5.6 0.2 0.6 0.2 0.8 0.2 2.3typ 2.3typ 2.7 0.3 9.7 +0.5 -0.3 0.05 +0.1 -0.05 0.5 +0.1 -0.05 0.5 0.05 2.3 0.1 1.2 0.3 1.2 0.3 1 0.2 to - 252
semihow rev.a0,dec 2005 HFD1N60 / hfu1n60 package dimension 5.35 0.15 6.6 0.2 0.75 0.15 2.3typ 2.3typ 5.6 0.2 7 0.2 7.5 0.3 0.6 0.1 2.3 0.1 0.5 0.05 1.2 0.3 0.5 +0.1 -0.05 0.8 0.15 to - 251


▲Up To Search▲   

 
Price & Availability of HFD1N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X